Part Number Hot Search : 
MAX6192B HCT1G 74HCT EC100 EC100 FQA40N25 A7303 LTC34
Product Description
Full Text Search
 

To Download 1N4933G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4933G - 1N4937G
1.0 AMP.Glass Passivated Fast Recovery Rectifiers DO-41
Features
Glass passivated chip junction. High efficiency, Low VF High current capability High reliability High surge current capability Low power loss
Mechanical Data
Cases: Molded plastic DO-41 Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, Lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: o 260 C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 0.34gram
Dimensions in inches and (millimeters)
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current o .375 (9.5mm) Lead Length @T A = 75 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A o Maximum DC Reverse Current @ T A=25 C o at Rated DC Blocking Voltage @ T A=125 C Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance Operating Temperature Range ( Note 2 ) Typical Thermal Resistance (Note 3)
Symbol V RRM V RMS V DC I(AV) IFSM VF IR Trr Cj
R JA TJ
1N 4933G
1N 4934G
1N 4935G
1N 4936G
1N 4937G
Units
V V V A A V uA uA nS pF o C/W o C o C
50 35 50
100 70 100
200 140 200 1.0 30 1.2 5.0 100 200 10 65 -65 to +150 -65 to +150
400 280 400
600 420 600
Storage Temperature Range TSTG 1. Reverse Recovery Test Conditions: IF=1.0A, VR=30V, di/dt=50A/uS, Irr=10% Notes: IRM for Measurement of trr. 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (1N4933G THRU 1N4937G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
200
FIG.2- TYPICAL REVERSE CHARACTERISTICS
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
1
INSTANTANEOUS REVERSE CURRENT. ( A)
0.8
TJ=100 0C TJ=75 0C
0.6
20
0.4
0.2
TJ=25 0C
2
0 0 25 50 75 100 125 o AMBIENT TEMPERATURE. ( C) 150 175
PEAK FORWARD SURGE CURRENT AMPERES
30
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
TJ=75 C 8.3ms Single Half Sine Wave JEDEC Method
0
0.2
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
20
10
0 1 2 4 6 8 10 20 40 60 80 100 20 10 20
Tj=25 C
o
FIG.5- TYPICAL FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD CURRENT. (A)
FIG.4- TYPICAL JUNCTION CAPACITANCE
3
JUNCTION CAPACITANCE.(pF)
10
1
0.3
0.1
f=1 MHz Vsig=50mVp-p
0.03
Tj=25oC Pulse Width=300 s 1% Duty Cycle
0.8 1.0 1.2 1.4 1.6 1.8 2.0
1 1 10 REVERSE VOLTAGE. (V) 100 0.01 0.6
FORWARD VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
30 OHM/30 W NI
IF 60 HZ 117 V 1 2 4 0.1mF 1 OHM 10 W NI IR 1.4 CEM 3.8 uH D.U.T. OUTPUT. SCOPE
0.1 mF
10K OHM/ZW NI VR
Version: A06


▲Up To Search▲   

 
Price & Availability of 1N4933G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X